Part Number Hot Search : 
78L05 UPC2900 LBA025M2 1N5243B TUA1574 16360 HVD132 5S211
Product Description
Full Text Search
 

To Download VHT01M35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 105C ALUMINUM ELECTROLYTIC
VHT SERIES
SUBMINIATURE (Radial Lead, 105C Max)
The NTE VHT series of aluminum electrolytic capacitors are designed for use in automotive, commercial, and industrial applications. These high temperature, radial lead capacitors are especially suitable for applications that require extended life and higher temperature operation.
MECHANICAL SPECIFICATIONS
Lead Solderability: Meets the requirements of MIL-STD 202, Method 208 Marking: Consists of series type, nominal capacitance, rated voltage, temperature range, anode and/or cathode identification, vendor identification. Recommended Cleaning Solvents: Methanol, isopropanol ethanol, isobutanol, petroleum ether, propanol and/or commercial detergents. Halogenated hydrocarbon cleaning agents such as Freon (MF, TF, or TC), trichloroethylene, trichloroethane, or methylchloride are not recommended as they may damage the capacitor.
RATINGS
Capacitance Range: 0.1f to 4700f Tolerance: 20% Voltage Range: 16 to 250 Volts
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: -40C to +105C (-40F to +220.9F) Leakage Current: 6.3V to 100V: 0.01CV (+3A) 160V to 250V: 0.03CV (+15A) Capacitance Tolerance: 20% (M) measured at +20C (+68F), 120HZ High Temperature Load Test: 1000 Hrs @ +105C (+220.9F) and rated voltage Ripple Current: The ripple current multipliers (See Table) adjust the current to make the capacitors operating temperature the same for different ambient temperatures and ripple frequencies.
Temperature Multiplier 45C 1.5 55C 1.46 65C 1.32 75C 1.17 85C 1.0 95C 0.79 105C 0.5
CASE SIZE AND DIMENSIONS:
Insulating Sleeve
18.0 Min
dO
A 0.5
L L' 5.0 Min L' = L + 1.0 Max at D O 8.0
DO D' O L' = L + 2.0 Max at D O 10.0
D' O = D O + 0.5 Max
ORDERING INFORMATION
VHT Series Load Life: 1000 Hrs @ +105C (+220.9F), no voltage applied Shelf Life: 1000 Hrs @ +105C (+220.9F), no voltage applied Capacitance Tolerance Voltage 10 M 25
10
NTE Electronics, Inc. D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
105C ALUMINUM ELECTROLYTIC
VHT SERIES
VHT Series Dimensions: Diameter (D O) x Length (L): mm
WV Cap (f) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 5 x 11 5 x 11 5 x 11 6 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 25 16 x 25 16 x 31.5 18 x 31.5 5 x 11 5 x 11 5 x 11 6 x 11 6 x 11 8 x 11.5 10 x 16 10 x 20 13 x 20 16 x 25 16 x 31.5 18 x 31.5 5 x 11 5 x 11 6 x 11 6 x 11 8 x 11.5 10 x 12.5 10 x 20 13 x 20 13 x 25 16 x 25 18 x 31.5 16 25 35 50 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6 x 11 8 x 11.5 8 x 11.5 10 x 16 13 x 20 13 x 20 16 x 25 16 x 25 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 13 x 20 13 x 25 16 x 25 18 x 31.5 6 x 11 6 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 13 x 21 13 x 25 16 x 25 6 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 13 x 25 13 x 25 16 x 25 18 x 36 63 160 250
* These dimensions are for reference only, please consult the factory for actual size.
VHT Mechanical Specs: Dimensions (mm)
Outside Diameter Lead Spacing Lead Wire DO A dO 5.0 2.0 6.0 2.5 0.5 8.0 3.5 10.0 5.0 0.6 0.65 13.0 16.0 7.5 0.8 18.0
* These dimensions are for reference only, please consult the factory for actual size.
NTE Electronics, Inc. D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
11


▲Up To Search▲   

 
Price & Availability of VHT01M35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X